PART |
Description |
Maker |
2N6404-AD 2N6400-BV 2N6403-AF 2N6405-AJ |
16 A, 600 V, SCR, TO-220AB 16 A, 50 V, SCR, TO-220AB 16 A, 400 V, SCR, TO-220AB 16 A, 800 V, SCR, TO-220AB
|
MOTOROLA INC
|
2N6396-BV 2N6394-AF |
12 A, 200 V, SCR, TO-220AB 12 A, 50 V, SCR, TO-220AB
|
MOTOROLA INC
|
MCR264-10 MCR264-4 MCR264-5 MCR264-6 MCR264-9 MCR2 |
Thyristors 40 A, 200 V, SCR, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
2N1771ALEADFREE CS220-12PLEADFREE CS220-10DLEADFRE |
8 A, SCR, TO-64 12 A, 1000 V, SCR, TO-220AB 10 A, 400 V, SCR, TO-220AB
|
CENTRAL SEMICONDUCTOR CORP
|
MCR101G-X-XX-T92-K MCR101G-X-XX-T92-B MCR101-6-B-T |
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 0.8 A, 400 V, SCR, TO-92 0.8 A, 600 V, SCR, TO-92 0.8 A, 200 V, SCR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
MCR100-6-AA-T92-B MCR100L-8-AD-T92-B MCR100G-6-B-A |
0.8 A, 400 V, SCR, TO-92 0.8 A, 600 V, SCR, TO-92 0.8 A, 200 V, SCR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
MTP6N60EWC MTP6P20EW MTP6P20EWC MTP3N100E16 MTP3N1 |
6 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6 A, 200 V, 1 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 3 A, 1000 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 8 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 33 A, 100 V, 0.058 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4 A, 800 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 12 A, 60 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 50 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 20 A, 60 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
CQ220I-8 CQ220I-8D CQ220I-8M CQ220I-8N CQ220I-8B C |
Leaded Thyristor TRIAC ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|200V V(DRM)|8A I(T)RMS|TO-220AB 200 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 8.0 AMP 200 THRU 800 VOLTS 隔震统计表可控硅8.0放大00 7860 800伏特 TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CMPS506109 CMPS5061BK CMPS5061TR CMPS5062LEADFREE |
SURFACE MOUNT SILICON CONTROLLED RECTIFIER 0.8 A, 100 V, SCR 0.8 A, 200 V, SCR
|
Central Semiconductor Corp Central Semiconductor C...
|
NTE5406 NTE5400 NTE5401 NTE5402 NTE5403 NTE5404 NT |
0.8 A, 200 V, SCR, TO-92 Silicon Controlled Rectifier (SCR) 0.8 Amp Sensitive Gate
|
NTE[NTE Electronics]
|
2N2323 JANTX2N2323 JANTX2N2323A JANTX2N2323AS JANT |
SILICON CONTROLLED RECTIFIER SILICON CONTROLLED RECTIFIER 0.3454 A, 200 V, SCR, TO-5 SILICON CONTROLLED RECTIFIER 1.6 A, 200 V, SCR, TO-205AD LED RED DIFFUSED 1.8X3.5MM RECT SCR, TO-39
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
|